Part Number Hot Search : 
PE9201 P2300 MOGN31W AH304 2N6397 HT20C15 C4049 UPD3729
Product Description
Full Text Search
 

To Download BR238AC-A1-115V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br238 miniature 25 amps ? 3pst, 1 pdt to mil - prf - 6106 specifications general contact arrangement ................................ . 3pst, 1 pdt weight ................................ .......................... 3.0 oz approx. designed to meet the requirements of mil - prf - 6106 performance contact rating (note 1): (case grounded) power contacts: resistive .............................. 25 amp s @ 28 vdc or 115/208v 400 hz inductive ................... 15 amps @ 115/208v 400 hz 12 amps @ 28 vdc motor ................................ ... 10 amps @ 28 vdc or 115/208v 400 hz lamp ................................ ..... 5 amps @ 28 vdc or 115/208v 400 hz auxiliary contacts: configuration ................................ ................... spdt resistive ................................ 2 amps @ 28 vdc or 115/208v 400 hz inductive ................................ ...... 1 amp @ 28 vdc 115/208v 400 hz lamp ................................ .. 0.5 amps @ 28 vdc or 115/208v 400 hz life ....................... 50,000 operations minimum @ rated resistive load, 125 o c pull in power ................................ ............ 500 mw approx. operate/release time: dc coil ac coil 15 ms max 50 ms max excluding bounce time at nominal coil voltage contact bounce time ................................ ....... 1 ms max @ rated contact load, 28 vdc contact voltage drop : before life ............................. 150 mv max @ 25 amps and 6 vdc after life ................................ 175 mv max @ 25 amps and 6 vdc environmental temperature range ............................... - 70 o c to +125 o c vibration (note 2) .............................. 0.12" da 10 - 70 hz 30 g's 70 - 3,000 hz shock (operating) (note 2) ......................... 200 g's 6 ms electrical characteristics duty cycle ................................ ........................ continuous insulation resistance ............................... 100 megohms @ 500v 25 o c dielectric strength: sea level: contact to case ................................ ... 1,250 vrms contact to coil ................................ ..... 1,250 vrms coil to case ................................ ......... 1,000 vrms across open contacts ........................ 1,250 vrms 80,000 feet: all points ................................ ................. 350 vrms notes: 1. for other ratings consult the factory. 3. ac coil line frequency 50 to 400 hz . 2. for applications requiring higher shock and vibration, consult the factory. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000, rev. 3
------------------ ------------------------------------------ relay type ------------------------------------------ nominal coil resistance -------- - ------------------------ terminal style ----------------- -- -------- mounting type ------- --- ------- nominal coil voltage br238 - 290 c 2 - 28v br238 coil data: model br238 par t number br238 - 20()() - 6v br238 - 78()() - 12v br238 - 290()() - 28v br238 - 890()() - 48v br238ac - ()() - 115v (note 3) nominal coil voltage 6 vdc 12 vdc 28 vdc 48 vdc 115 vac maximum coil voltage 8 vdc 15 vdc 29 vdc 59 vdc 122 vac pull in voltage (max @ +125 o c) 4.5 vdc 9 vdc 18 vdc 36 vdc 90 vac drop out voltage (max) 1.8 vdc 3.5 vdc 5.1 vdc 11 vdc 5 - 30 vac coil resistance 10% @ 25 o c 20 ohms 78 ohms 290 ohms 890 ohms i = 0.04 amps schematic terminal view terminal styles mounting codes general notes ? unless otherwise specified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, terminals styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specifications contai ned herein are subject to change without notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000, rev. 3


▲Up To Search▲   

 
Price & Availability of BR238AC-A1-115V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X